Part Number Hot Search : 
2SB942A LT1208 M514260C 0257015 74H00DC FR104 TC115 TFS70AW
Product Description
Full Text Search
 

To Download MURF1660CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 MURF1660CT/d MURF1660CT power rectifier these state ? of ? the ? art devices are designed for use in switching power supplies, inverters and as free wheeling diodes. features ? ultrafast 60 nanosecond recovery times ? 150 c operating junction temperature ? epoxy meets ul 94 v ? 0 @ 0.125 in ? high temperature glass passivated junction ? low leakage specified @ 150 c case temperature ? current derating @ both case and ambient temperatures ? electrically isolated. no isolation hardware required. ? ul recognized file #e69369 (note 1) ? pb ? free package is available* mechanical characteristics: ? case: epoxy, molded ? weight: 1.9 grams (approximately) ? finish: all external surfaces corrosion resistant and terminal leads are readily solderable ? lead temperature for soldering purposes: 260 c max. for 10 seconds maximum ratings (per leg) rating symbol value unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 600 v average rectified forward current total device, (rated v r ), t c = 150 c per diode per device i f(av) 8 16 a peak repetitive forward current (rated v r , square wave, 20 khz), t c = 150 c i fm 16 a non ? repetitive peak surge current (surge applied at rated load conditions halfwave, single phase, 60 hz) i fsm 100 a operating junction and storage temperature t j , t stg ? 65 to +150 c rms isolation voltage (t = 1 second, r.h. 30%, t a = 25 c) (note 2) per figure 3 per figure 4 (note 1) per figure 5 v iso1 v iso2 v iso3 4500 3500 1500 v ? device package shipping ordering information MURF1660CT to ? 220 50 units/rail ultrafast rectifier 16 amperes, 600 volts 2 1 3 MURF1660CTg to ? 220 (pb ? free) 50 units/rail http://kersemi.com isolated to ? 220 case 221d style 3 3 1 2 marking diagram a = assembly location y = year ww = work week u1660 = device code g = pb ? free package aka = diode polarity ayww u1660g a k a
MURF1660CT http://kersemi.com 2 thermal characteristics (per leg) characteristic symbol value unit maximum thermal resistance, junction ? to ? case r  jc 3.0 c/w lead temperature for soldering purposes: 1/8 from case for 5 seconds t l 260 c electrical characteristics (per leg) characteristic symbol value unit maximum instantaneous forward voltage (note 3) (i f = 8.0 a, t c = 150 c) (i f = 8.0 a, t c = 25 c) v f 1.20 1.50 v maximum instantaneous reverse current (note 3) (rated dc voltage, t c = 150 c) (rated dc voltage, t c = 25 c) i r 500 10  a maximum reverse recovery time (i f = 1.0 a, di/dt = 50 a/  s) (i f = 0.5 a, i r = 1.0 a, i rec = 0.25 a) t rr 60 50 ns 3. pulse test: pulse width = 300  s, duty cycle 2.0%. v r , reverse voltage (v) i r , reverse current (a) 0.01 0.1 1.0 10 100 10 k 600 500 400 300 200 100 100 50 20 , instantaneous forward current (amps) i f 10 5 2 1 0.5 0.2 0.1 0.4 0.6 1.0 1.2 1.6 1.8 v f , instantaneous voltage (v) figure 1. typical forward voltage, per leg 100 c 25 c t j = 150 c 0.8 1.4 100 c 25 c 1.0 k t j = 150 c figure 2. typical reverse current, per leg*
MURF1660CT http://kersemi.com 3 test conditions for isolation tests* mounted fully isolated pack- age leads heatsink 0.110  min figure 3. clip mounting position for isolation test number 1 * measurement made between leads and heatsink with all leads shorted together. clip mounted fully isolated pack- age leads heatsink clip 0.099 min mounted fully isolated pack- age leads heatsink 0.099 min figure 4. clip mounting position for isolation test number 2 figure 5. screw mounting position for isolation test number 3 mounting information** 4 ? 40 screw plain washer heatsink compression washer nut clip heatsink 6a. screw ? mounted 6b. clip ? mounted
MURF1660CT http://onsemi.com 4 package dimensions style 3: pin 1. anode 2. cathode 3. anode dim a min max min max millimeters 0.625 0.635 15.88 16.12 inches b 0.408 0.418 10.37 10.63 c 0.180 0.190 4.57 4.83 d 0.026 0.031 0.65 0.78 f 0.116 0.119 2.95 3.02 g 0.100 bsc 2.54 bsc h 0.125 0.135 3.18 3.43 j 0.018 0.025 0.45 0.63 k 0.530 0.540 13.47 13.73 l 0.048 0.053 1.23 1.36 n 0.200 bsc 5.08 bsc q 0.124 0.128 3.15 3.25 r 0.099 0.103 2.51 2.62 s 0.101 0.113 2.57 2.87 u 0.238 0.258 6.06 6.56 ? b ? ? y ? g n d l k h a f q 3 pl 123 m b m 0.25 (0.010) y seating plane ? t ? u c s j r notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch 3. 221d?01 thru 221d?02 obsolete, new standard 221d?03. to ? 220 fullpak transistor case 221d ? 03 issue g MURF1660CT/d


▲Up To Search▲   

 
Price & Availability of MURF1660CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X